Part Number Hot Search : 
C4256 MBR870 70241 B190B DM74S10 TCMZ6V2 BSS205N 17C339Z
Product Description
Full Text Search
 

To Download MP6101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MassPROTM MP6101 GPS production test turnkey solution
KEY FEATURES
GPS production test turnkey solution Highly automatic testing procedure Built-in high-precision GPS simulator www..com multiple DUT connectivity Support (typ. 4 DUT) OVERVIEW
Firmware upgrading possible for various GPS chipset support Optional BT MAC address programming PXI platform eases the combined test by adding various functions of PXI cards
The MP6101 is a highly automatic GPS production test turnkey solution. It equips a ultra-high-precision GPS simulator which provides a stable and accurate signal for GPS receivers testing. With the help of built-in test firmware, the MP6101 enables manufacturers to easily perform the product verification testing on the GPS PCBA. In addition to test automation, the MP6101 also supports multiple DUT connectivity to further increase the production test efficiency. With the help of the integrated testing software, the users need only one click on the test button then the MP6101 will do all the corresponding testing item(s) specified, indicate the testing progress, display the result and log the report file automatically. Besides, BT MAC address programming feature can be optionally upgraded to help the customers who involve in BT+GPS related production. With the high integration and automation, the MP6101 is very suitable for those customers who require a low cost and high performance production test solution. SETUP ARCHITECTURE
GPS DUT on FIXTURE #1
PXI System Controller
Fixture control board
GPS DUT on FIXTURE #2 Fixture control board 1-to-4 DUT/fixture CONTROL BOX GPS DUT on FIXTURE #3
MP6101 GPS Simulator System + Integrated production test software
Fixture control board
MP6101 system components
GPS DUT on FIXTURE #4 Fixture control board
SPECIFICATION
Output Frequency L1 1575.42MHz Frequency accuracy +/- 0.01ppm Phase Modulation BPSK Channel Single channel 1 to 32 selectable NAV Data www..com GPS C/A @1.023MHz with 50 bps fixed-pattern data Output RF Level (Nominal) -85 dBm to -135 dBm in 1 dB step RF control ON/OFF/CW RF connector SMA type Master Oscillator Frequency: 10.23MHz Thermal stability: 0.02ppm @ -30 ~ +70oC Aging: 0.1ppm/yr (0.001ppm/day) Phase noise: -85dBc/Hz @1Hz -140dBc/Hz @100Hz -150dBc/Hz @10KHz Short-term stability: 1.0E-011 @ 1 sec 0.0E+000 @ 10 secs System Specification System OS: Microsoft(R) Windows(R) XP CPU: Celeron(R) / Pentium(R) M Chipset: Intel(R) 855GME + ICH4 Input: 100-240VAC Size: 257.1x177x212.8mm (W x H x D) Weight: 5Kg Environment: Operating temperature: 0 ~ +50oC Storage temperature : -20 ~ +70oC
System Design Center Asian Information Technology Group www.aitgroup.com.tw Taiwan 4413 3F, No.441, Ruei-Guang Road, Neihu, Taipei, Taiwan Tel: +886-2-87978997 Fax:+886-2-87977388 Email: michael.chen@aitgroup.com.tw Shenzhen 13( ) 13F, Fuhua 3 Road, Shenzhen P. R. 518028 Tel+86-755-8831-3166 Fax: +86-755-8331-2366 Email: alex.jiang@apachecomm.com.cn Shanghai 5512G Room 12G, Sun Tong Infoport Plaza, No.55, Huaihai West Road , Shanghai China 200030 Tel+86-21-52989847 Fax: +86-21-52989027 Beijing 24 1001 Room1001, East Ocean Centre, No.24A Jianguomenwai Street , Chaoyang District, Beijing 100004, P.R. China Tel+86-10-6515-5711 Fax: +86-10-6515-6190 Singapore 16 New Industrial Road #03-10 Hudson TechnoCentre Singapore 536204 Tel+65-64880637 Email: Damian.Lee@ait-aitg.com Korea 7F Newai Bldg, 981-3, Kwanyang-Dong, Dongan-Ku Anyang-Si, Kyungki-Do, South Korea 431-060 Tel+82-31-442-1818 Email: john@apachekr.com
All company and product names are trademarks or registered trademarks of their respective manufactures. Preliminary specification, Asian Information Group reserves the right to change without notice 9/-17 V0.92


▲Up To Search▲   

 
Price & Availability of MP6101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X